Part Number Hot Search : 
SDA188C SAB10 SSM2019 1AS101 MX13150 1N5397G 313025 T1259N
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2N4403
TRANSISTOR (PNP) TO--92
FEATURES Power dissipation PCM : 0.625 W (Tamb=25) Collector current A ICM : -0.6 Collector-base voltage V V(BR)CBO : -40 Operating and storage junction temperature range TJ, Tstg: -55 to +150
1.EMILTTER
2.BASE
3. COLLECTOR
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage
unless otherwise specified)
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) VCE(sat) VBE(sat) Test conditions MIN -40 -40 -5 -0.1 -0.1 -0.1 100 300 -0.4 -0.95 V V MAX UNIT V V V A A A
Ic=-100A , IE=0 IC= -1mA , IB=0 IE=-100A, IC=0 VCB=-35 V, IE=0 VCE=-35 V, IB=0 VEB=-4V, IC=0 VCE=-2 V, IC=- 150mA IC=-150 mA, IB=-15mA IC= -150 mA, IB=-15mA VCE= -10V, IC= -20mA
Transition frequency
fT f = 100MHz
200
MHz


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X